công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML4824CS-2 bảng dữ liệu(PDF) 16 Page - Micro Linear Corporation

tên linh kiện ML4824CS-2
Giải thích chi tiết về linh kiện  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4824CS-2 bảng dữ liệu(HTML) 16 Page - Micro Linear Corporation

Back Button ML4824CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 11Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 12Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 13Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 14Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 15Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ML4824
16
© Micro Linear 1998.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483;
5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959;
5,689,167; 5,714,897; 5,717,798. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any
liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of
others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application
herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
DS4824-01
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
PART NUMBER
PWM FREQUENCY
TEMPERATURE RANGE
PACKAGE
ML4824CP-1
1 x PFC
0°C to 70°C
16-Pin PDIP (P16)
ML4824CP-2
2 x PFC
0°C to 70°C
16-Pin PDIP (P16)
ML4824CS-1
1 x PFC
0°C to 70°C
16-Pin Wide SOIC (S16W)
ML4824CS-2
2 x PFC
0°C to 70°C
16-Pin Wide SOIC (S16W)
ML4824IP-1
1 x PFC
–40°C to 85°C
16-Pin PDIP (P16)
ML4824IP-2
2 x PFC
–40°C to 85°C
16-Pin PDIP (P16)
(Obsolete)
ML4824IS-1
1 x PFC
–40°C to 85°C
16-Pin Wide SOIC (S16W)
ML4824IS-2
2 x PFC
–40°C to 85°C
16-Pin Wide SOIC (S16W)
(Obsolete)
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com