công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML4813 bảng dữ liệu(PDF) 15 Page - Micro Linear Corporation

tên linh kiện ML4813
Giải thích chi tiết về linh kiện  Flyback Power Factor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4813 bảng dữ liệu(HTML) 15 Page - Micro Linear Corporation

Back Button ML4813 Datasheet HTML 7Page - Micro Linear Corporation ML4813 Datasheet HTML 8Page - Micro Linear Corporation ML4813 Datasheet HTML 9Page - Micro Linear Corporation ML4813 Datasheet HTML 10Page - Micro Linear Corporation ML4813 Datasheet HTML 11Page - Micro Linear Corporation ML4813 Datasheet HTML 12Page - Micro Linear Corporation ML4813 Datasheet HTML 13Page - Micro Linear Corporation ML4813 Datasheet HTML 14Page - Micro Linear Corporation ML4813 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
ML4813
15
DS4813-01
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4813CP (EOL)
0°C to 70°C
16-Pin PDIP (P16)
ML4813CS (Obsolete)
0°C to 70°C
16-Pin SOIC (S16W)
ML4813IP (Obsolete)
-40°C to 85°C
16-Pin PDIP (P16)
ML4813IS (Obsolete)
-40°C to 85°C
16-Pin SOIC (S16W)
ORDERING INFORMATION
© Micro Linear 1996
is a registered trademark of Micro Linear Corporation.
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570;
5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565761; 5,592,128; 5,594,376. Japan: 2,598,946; 2,619,299. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of
the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data
sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property
rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before
deciding on a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com