| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML2288BCP bảng dữ liệu(PDF) 11 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2288BCP bảng dữ liệu(HTML) 11 Page - Micro Linear Corporation |
|
11 / 26 page ![]() ML2281, ML2282, ML2284, ML2288 11 *SOME OF THESE FUNCTIONS/PINS ARE NOT AVAILABLE WITH OTHER OPTIONS. NOTE 1: FOR THE ML2284 DI IS INPUT DIRECTLY TO THE D INPUT OF SELECT 1. SELECT 0 IS FORCED TO A “1”. FOR THE ML2282, DI IS INPUT DIRECTLY TO THE D INPUT OF ODD/SIGN. SELECT 0 IS FORCED TO A “1” AND SELECT 1 IS FORCED TO A “0”. Figure 6. ML2288 Functional Block Diagram C Q R D R D C Q D C Q R D C Q R + – – + ANALOG MUX (EQUIVALENT) Σ 1 CH0* 16 CLK 17 DI* 18 CS CH1* CH6* VREF VCC V+* DGND* AGND* 2 CH2 3 CH3 4 CH4* 5 CH5* 6 7 CH7* 8 COM* 9 12 20 TO INTERNAL CIRCUITRY 7V SHUNT REGULATOR INPUT PROTECTION—ALL LOGIC INPUTS C C R LADDER AND DECODER SAR LOGIC AND LATCH 9-BIT SHIFT REGISTER COMP B7 B6 B5 B4 14 DO B2 B3 B1 B0 CS CS CS COMP PARALLEL XFR TO SHIFT REGISTER MSB FIRST LSB FIRST EOC EOC R R C CS DEOC CS SE* CS CS CS TD VCC VCC TO INTERNAL CIRCUITS INPUT 13 16 17 18 MUX ADDRESS NOTE 1 13 SARS* 15 NOTE 1 SELECT 0 SELECT 1 START RR RR R D C SGL/ DIF 5-BIT SHIFT-REGISTER ODD/ SIGN TIME DELAY DSTART 2 START DSTART 1 |