| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML2284CCS bảng dữ liệu(PDF) 9 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2284CCS bảng dữ liệu(HTML) 9 Page - Micro Linear Corporation |
|
9 / 26 page ![]() ML2281, ML2282, ML2284, ML2288 9 CLOCK (CLK) CHIP SELECT ( CS) DATA IN (DI) DO USING SE TO CONTROL LSB FIRST OUTPUT SAR STATUS (SARS) SE = “0” DATA OUT (DO) ADDRESS MUX OUTPUT DATA LSB FIRST DATA MSB FIRST DATA START BIT SGL/ DIF SELECT BIT 1 ODD/ SIGN SELECT BIT 0 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z SAMPLE & HOLD ACQUISITION (tACQ) 76 5 4 3 2 0 123 4 5 (MSB) 67 (MSB) 1 (LSB) 12345678910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A/D CONVERSION IN PROCESS DATA HELD LSB FIRST DATA MSB FIRST DATA (LSB) (MSB) (MSB) 7 6 54321 0 1 2 3 4 5 67 tSET-UP tSET-UP DON’T CARE (DI DISABLED UNTIL NEXT CONVERSION CYCLE) SE ML2288 Timing Figure 2. Timing Diagrams (Continued) 1.0 0.75 0.5 0.25 0 CLOCK FREQUENCY (MHz) 0 0.01 0.1 1 VCC = 5V VREF = 5V 125 C –55 C 25 C Figure 3. Linearity Error vs fCLK |