công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2284BCS bảng dữ liệu(PDF) 26 Page - Micro Linear Corporation

tên linh kiện ML2284BCS
Giải thích chi tiết về linh kiện  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2284BCS bảng dữ liệu(HTML) 26 Page - Micro Linear Corporation

Back Button ML2284BCS Datasheet HTML 18Page - Micro Linear Corporation ML2284BCS Datasheet HTML 19Page - Micro Linear Corporation ML2284BCS Datasheet HTML 20Page - Micro Linear Corporation ML2284BCS Datasheet HTML 21Page - Micro Linear Corporation ML2284BCS Datasheet HTML 22Page - Micro Linear Corporation ML2284BCS Datasheet HTML 23Page - Micro Linear Corporation ML2284BCS Datasheet HTML 24Page - Micro Linear Corporation ML2284BCS Datasheet HTML 25Page - Micro Linear Corporation ML2284BCS Datasheet HTML 26Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
26
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design.
Micro Linear does not assume any liability arising out of the application or use of any product described herein,
neither does it convey any license under its patent right nor the rights of others. The circuits contained in this
data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility
or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel
before deciding on a particular application.
5/5/97 Printed in U.S.A.
ORDERING INFORMATION
ALTERNATE
TOTAL
TEMPERATURE
PART NUMBER
PART NUMBER
UNADJUSTED ERROR
RANGE
PACKAGE
SINGLE ANALOG INPUT, 8-PIN PACKAGE
ML2281BIP (Obsolete)
ADC0831CCN
±1/2 LSB
–40°C to 85°C
Plastic DIP (P08)
ML2281BCP
ADC0831BCN
0°C to 70°C
Molded DIP (P08)
ML2281BCS (Obsolete
—
0°C to 70°C
Plastic SOIC (S08)
ML2281CIP (End of Life)
ADC0831BCN
±1 LSB
–40°C to 85°C
Plastic DIP (P08)
ML2281CCP (End of Life)
ADC0831CCN
0°C to 70°C
Molded DIP (P08)
ML2281CCS (End of Life)
—
0°C to 70°C
Plastic SOIC (S08)
TWO ANALOG INPUTS, 8-PIN PACKAGE
ML2282BIP (Obsolete)
ADC0832CCN
±1/2 LSB
–40°C to 85°C
Plastic DIP (P08)
ML2282BCP (Obsolete)
ADC0832BCN
0°C to 70°C
Molded DIP (P08)
ML2282BCS (Obsolete)
—
0°C to 70°C
Plastic SOIC (S08)
ML2282CIP (Obsolete)
ADC0832BCN
±1 LSB
–40°C to 85°C
Plastic DIP (P08)
ML2282CCP (Obsolete)
ADC0832CCN
0°C to 70°C
Molded DIP (P08)
ML2282CCS (Obsolete)
—
0°C to 70°C
Plastic SOIC (S08)
FOUR ANALOG INPUTS, 14-PIN PACKAGE
ML2284BIP (Obsolete)
ADC0834CCN
±1/2 LSB
–40°C to 85°C
Plastic DIP (P14)
ML2284BCP (Obsolete)
ADC0834BCN
0°C to 70°C
Molded DIP (P14)
ML2284BCS (Obsolete)
—
0°C to 70°C
Plastic SOIC (S14)
ML2284CIP (Obsolete)
ADC0834BCN
±1 LSB
–40°C to 85°C
Plastic DIP (P14)
ML2284CCP (End of Life)
ADC0834CCN
0°C to 70°C
Molded DIP (P14)
ML2284CCS (Obsolete)
—
0°C to 70°C
Plastic SOIC (S14)
EIGHT ANALOG INPUTS, 20-PIN PACKAGE
ML2288BIP (Obsolete)
ADC0838CCN
±1/2 LSB
–40°C to 85°C
Plastic DIP (P20)
ML2288BCP (Obsolete)
ADC0838BCN
0°C to 70°C
Molded DIP (P20)
ML2288BCQ (Obsolete)
ADC0838BCV
0°C to 70°C
Molded PCC (Q20)
ML2288CIP (Obsolete)
ADC0838CCN
±1 LSB
–40°C to 85°C
Plastic DIP (P20)
ML2288CCP (Obsolete)
ADC0838CCN
0°C to 70°C
Molded DIP (P20)
ML2288CCQ (End of Life)
ADC0838CCV
0°C to 70°C
Molded PCC (Q20)
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
© Micro Linear 1997
is a registered trademark of Micro Linear Corporation
Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940;
5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.
DS2281_82_84_88-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com