công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML4425CP bảng dữ liệu(PDF) 16 Page - Micro Linear Corporation

tên linh kiện ML4425CP
Giải thích chi tiết về linh kiện  Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4425CP bảng dữ liệu(HTML) 16 Page - Micro Linear Corporation

Back Button ML4425CP Datasheet HTML 8Page - Micro Linear Corporation ML4425CP Datasheet HTML 9Page - Micro Linear Corporation ML4425CP Datasheet HTML 10Page - Micro Linear Corporation ML4425CP Datasheet HTML 11Page - Micro Linear Corporation ML4425CP Datasheet HTML 12Page - Micro Linear Corporation ML4425CP Datasheet HTML 13Page - Micro Linear Corporation ML4425CP Datasheet HTML 14Page - Micro Linear Corporation ML4425CP Datasheet HTML 15Page - Micro Linear Corporation ML4425CP Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
ML4425
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4425CP
0ºC to 70ºC
28-Pin PDIP (P28N)
ML4425CS
0ºC to 70ºC
28-Pin SOIC (S28)
ML4425CH (Obsolete)
0ºC to 70ºC
32-Pin TQFP (H32-7)
ML4425IP
–40ºC to 85ºC
28-Pin PDIP (P28N)
ML4425IS
–40ºC to 85ºC
28-Pin SOIC (S28)
ML4425IH (Obsolete)
–40ºC to 85ºC
32-Pin TQFP (H32-7)
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
www.microlinear.com
7/6/98 Printed in U.S.A.
© Micro Linear 1998.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502;
5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897;
5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653;. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability
arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits
contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits
infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult
with appropriate legal counsel before deciding on a particular application.
PHYSICAL DIMENSIONS inches (millimeters)
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.699 - 0.713
(17.75 - 18.11)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
28
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S28
28-Pin SOIC
DS4425-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16