| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SK56L-SMC-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SK56L-SMC-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD SK56 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R202-036.a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DESCRIPTION The UTC SK56 is a surface mount schottky barrier rectifier, it uses UTC’s advanced technology to provide customers with high efficiency, etc. The UTC SK56 is suitable for low voltage high frequency inverters, free wheeling and polarity protection applications. FEATURES * Low power loss * High efficiency * High surge capacity SMC + - ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing SK56L-SMC-R SK56G-SMC-R SMC K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode SK56L-SMC-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMC: SMC (3) L: Lead Free, G: Halogen Free and Lead Free (3)Green Package MARKING Date Code Cathode Band for uni-directional Only UTC SK56 L: Lead Free G: Halogen Free |
Số phần tương tự - SK56L-SMC-R |
|
Mô tả tương tự - SK56L-SMC-R |