| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS1ML-SMA-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RS1ML-SMA-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD RS1M DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-210.B SURFACE MOUNT FAST RECOVERY RECTIFIER DESCRIPTION The UTC RS1M is a surface mount fast recovery rectifier, it uses UTC’s advanced technology to provide customers with fast switching, high forward surge current and low reverse leakage, etc. The UTC RS1M is suitable for surface mounted applications. FEATURES * Low reverse leakage * Fast switching for high efficiency * High forward surge current capability SMA (JEDEC DO-214AC) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 RS1ML-SMA-R RS1MG-SMA-R SMA K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode RS1ML-SMA-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMA: SMA (3) L: Lead Free, G: Halogen Free (3)Lead Free MARKING Date Code Cathode Band for uni-directional Only UT C RS1M L: Lead Free G: Halogen Free |
Số phần tương tự - RS1ML-SMA-R |
|
Mô tả tương tự - RS1ML-SMA-R |