| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS1MG-SMAF-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
GS1MG-SMAF-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD GS1M DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-217.B SURFACE MOUNT GENERAL RECTIFIER DESCRIPTION The UTC GS1M is a surface mount general rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. The UTC GS1M is suitable for surface mounted applications. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL SMAF ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 GS1MG-SMAF-R SMAF K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode GS1MG-SMAF-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMAF: SMAF (3) G: Halogen Free and Lead Free (3)Green Package MARKING |
Số phần tương tự - GS1MG-SMAF-R |
|
Mô tả tương tự - GS1MG-SMAF-R |