công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL2575HV bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện TL2575HV
Giải thích chi tiết về linh kiện  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TL2575HV Datasheet HTML 11Page - Texas Instruments TL2575HV Datasheet HTML 12Page - Texas Instruments TL2575HV Datasheet HTML 13Page - Texas Instruments TL2575HV Datasheet HTML 14Page - Texas Instruments TL2575HV Datasheet HTML 15Page - Texas Instruments TL2575HV Datasheet HTML 16Page - Texas Instruments TL2575HV Datasheet HTML 17Page - Texas Instruments TL2575HV Datasheet HTML 18Page - Texas Instruments TL2575HV Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TL2575, TL2575HV
www.ti.com
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
Typical Application (continued)
10.1.2.5 Output Voltage Ripple and Transients
As with any switching power supply, the output of the TL2575 and TL2575HV devices have a sawtooth ripple
voltage at the switching frequency. Typically about 1% of the output voltage, this ripple is due mainly to the
inductor sawtooth ripple current and the ESR of the output capacitor (see Output Capacitor (COUT)). Furthermore,
the output also may contain small voltage spikes at the peaks of the sawtooth waveform. This is due to the fast
switching of the output switch and the parasitic inductance of COUT. These voltage spikes can be minimized
through the use of low-inductance capacitors.
There are several ways to reduce the output ripple voltage: a larger inductor, a larger COUT, or both. Another
method is to use a small LC filter (20
μH and 100 μF) at the output. This filter can reduce the output ripple
voltage by a factor of 10 (see Figure 11).
10.1.2.6 Grounding
The power and ground connections of the TL2575 and TL2575HV devices must be low impedance to help
maintain output stability. For the 5-pin packages, both pin 3 and tab are ground, and either connection can be
used as they are both part of the same lead frame. With the 16-pin package, all the ground pins (including signal
and power grounds) should be soldered directly to wide PCB copper traces to ensure low-inductance
connections and good thermal dissipation.
10.1.2.7 Reverse Current Considerations
There is an internal diode from the output to VIN. Therefore, the device does not protect against reverse current
and care must be taken to limit current in this scenario.
10.1.2.8 Buck Regulator Design Procedure
PROCEDURE (Fixed Output)
EXAMPLE (Fixed Output)
Known:
Known:
VOUT = 3.3 V, 5 V, 12 V, or 15 V
VOUT = 5 V
VIN(Max) = Maximum input voltage
VIN(Max) = 20 V
ILOAD(Max) = Maximum load current
ILOAD(Max) = 1 A
1. Inductor Selection (L1)
1. Inductor Selection (L1)
A. From Figure 13 through Figure 16, select the appropriate inductor A. From Figure 14 (TL2575-05), the intersection of 20-V line and 1-A
code based on the intersection of VIN(Max) and ILOAD(Max).
line gives an inductor code of L330.
B. The inductor chosen should be rated for operation at 52-kHz and B. L330
→ L1 = 330 μH
have a current rating of at least 1.15 × ILOAD(Max) to allow for the Choose from:
ripple current. The actual peak current in L1 (in normal operation)
34042 (Schott)
can be calculated as follows:
PE-52627 (Pulse Engineering)
IL1(pk) = ILOAD(Max) + (VIN – VOUT) × ton / 2L1
Where ton = VOUT / VIN × (1 / fosc)
RL1952 (Renco)
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. The TL2575 control loop has a two-pole two-zero frequency A. COUT = 100-μF to 470-μF, standard aluminum electrolytic
response. The dominant pole-zero pair is established by COUT and
L1. To meet stability requirements while maintaining an acceptable
output ripple voltage (Vripple ≉ 0.01 × VOUT), the recommended range
for a standard aluminum electrolytic COUT is between 100 μF and
470
μF.
B. COUT should have a voltage rating of at least 1.5 × VOUT. But if a B. Although a COUT rated at 8 V is sufficient for VOUT = 5 V, a
low output ripple voltage is desired, choose capacitors with a higher- higher-voltage capacitor is chosen for its typically lower ESR (and
voltage ratings than the minimum required, due to their typically hence
lower
output
ripple
voltage)
→
Capacitor
voltage
lower ESRs.
rating = 20 V.
3. Catch Diode Selection (D1) (see Table 1)
3. Catch Diode Selection (D1) (see Table 1)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com