công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM72485 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SM72485
Giải thích chi tiết về linh kiện  100V, 150 mA Constant On-Time Buck Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SM72485 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SM72485_15 Datasheet HTML 1Page - Texas Instruments SM72485_15 Datasheet HTML 2Page - Texas Instruments SM72485_15 Datasheet HTML 3Page - Texas Instruments SM72485_15 Datasheet HTML 4Page - Texas Instruments SM72485_15 Datasheet HTML 5Page - Texas Instruments SM72485_15 Datasheet HTML 6Page - Texas Instruments SM72485_15 Datasheet HTML 7Page - Texas Instruments SM72485_15 Datasheet HTML 8Page - Texas Instruments SM72485_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
8
7
6
5
4
3
2
1
FB
VIN
Exposed Pad on Bottom
Connect to Ground
VCC
RT/SD
SW
BST
RCL
RTN
1
2
3
4
5
8
7
6
FB
VIN
VCC
RT/SD
SW
BST
RCL
RTN
SM72485
SNVS697D – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
8-Lead WSON
8-Lead VSSOP
PIN DESCIPTIONS
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the output inductor, re-circulating diode, and
bootstrap capacitor.
2
BST
Boost Pin (Boot–strap capacitor
An external capacitor is required between the BST and the SW pins. A 0.01 µF
input)
ceramic capacitor is recommended. An internal diode charges the capacitor from
VCC during each off-time.
3
RCL
Current Limit OFF time set pin
A resistor between this pin and RTN sets the off-time when current limit is
detected. The off-time is preset to 35 µs if FB = 0V.
4
RTN
Ground pin
Ground for the entire circuit.
5
FB
Feedback input from Regulated
This pin is connected to the inverting input of the internal regulation comparator.
Output
The regulation threshold is 2.5V.
6
RT/SD
On time set pin
A resistor between this pin and VIN sets the switch on time as a function of VIN.
The minimum recommended on time is 400 ns at the maximum input voltage.
This pin can be used for remote shutdown.
7
VCC
Output from the internal high
This regulated voltage provides gate drive power for the internal Buck switch. An
voltage series pass regulator.
internal diode is provided between this pin and the BST pin. A local 0.47 µF
decoupling capacitor is required. The series pass regulator is current limited to 9
mA.
8
VIN
Input voltage
Input operating range: 6V to 95V.
EP
Exposed Pad
The exposed pad has no electrical contact. Connect to system ground plane for
reduced thermal resistance.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com