công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IPPC-150D-2R bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện IPPC-150D-2R
Giải thích chi tiết về linh kiện  Front 6mm aluminum bezel with IP65 compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

IPPC-150D-2R bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  IPPC-150D-2R Datasheet HTML 1Page - List of Unclassifed Manufacturers IPPC-150D-2R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without prior notice
OS support
Support DOS, Windows, Netware, Unix, Linux,
Serial ports
3 x RS-232,1 x RS422/485
Parallel ports
1 x SPP/EPP/ECP port
Keyboard and Mouse ports
PS/2
VGA
DB-15 Connector
Sound
Mic-in / Line-out
Ethernet
2 x 10/100/1000MLAN port ( RJ-45 )
USB port
4 x USB2.0
I/O Ports
DC input Connector
3Pin DC power input terminal block
Operating Temperature
0 °C to 50°C (32 °F~125 °F)
Storage temperature
-20 °C to 60 °C (-4 °F~140 °F)
Relative Humidity
10% to 90% non-condensing
Shock (operating)
1G /peak ( 11m sec)
Vibration
17 to 500HZ 1G PTP
Environmental
Specifications
Front panel protection
IP65/NEMA 4 compliant
Display Type
15 XGA TFT LCD
Screenresolution (Pixels)
1024 * 768
Brightness
350cd/m2
LCD Display
Viewing angle
160°(H) , 140°(V)
Internal USB interface controller
Resolution: continuous
Light transmission: 80% or more
Surface hardness : 3H
Operating force : ≤100g
Life expectancy : 35 Million
Touch screen
Support DOS, Windows, Netware, Unix, Linux,
Output Rating
45W
Power Supply
Input Voltage : 8~30v,
*External AC adapter*
Ordering Information
IPPC-150D-2R
15” XGA Industrial Panel PC support Intel® Atom D525 Dual-core 1.8GHz Processor, with 2G/4G RAM, 2.5” 320G
HDD/16G SSD, with Resistive Touch Screen,DC19V/DC8-30V power
MP-MS150NW
Mini-PCIE wireless Lan card with antenna
Dimension Diagram
* Note: this is a simplified drawing and some components are not marked in detail.
Please contact our sales representative if you need further product information.
CUT OUT DIMENSION (395x301mm) UNIT:mm
IPPC-150D-2R
15" Industrial Panel PC with intel® ATOM
(Dual-core 1.8G) Processor



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com