công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SP bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SP
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SP bảng dữ liệu(HTML) 1 Page - Microchip Technology

  PIC16LC71-10E/SP Datasheet HTML 1Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 2Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 3Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 4Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 5Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 6Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 7Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 8Page - Microchip Technology PIC16LC71-10E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 1
PIC16C71X
8-Bit CMOS Microcontrollers with A/D Converter
Devices included in this data sheet:
• PIC16C710
• PIC16C71
• PIC16C711
• PIC16C715
PIC16C71X Microcontroller Core Features:
• High-performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• Up to 2K x 14 words of Program Memory,
up to 128 x 8 bytes of Data Memory (RAM)
• Interrupt capability
• Eight level deep hardware stack
• Direct, indirect, and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options
• Low-power, high-speed CMOS EPROM
technology
• Fully static design
• Wide operating voltage range: 2.5V to 6.0V
• High Sink/Source Current 25/25 mA
• Commercial, Industrial and Extended temperature
ranges
• Program Memory Parity Error Checking Circuitry
with Parity Error Reset (PER) (PIC16C715)
• Low-power consumption:
- < 2 mA @ 5V, 4 MHz
- 15
µA typical @ 3V, 32 kHz
- < 1
µA typical standby current
PIC16C71X Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• 8-bit multichannel analog-to-digital converter
• Brown-out detection circuitry for
Brown-out Reset (BOR)
• 13 I/O Pins with Individual Direction Control
Pin Diagrams
PIC16C7X Features
710
71
711 715
Program Memory (EPROM)
x 14
512
1K
1K
2K
Data Memory (Bytes) x 8
36
36
68
128
I/O Pins
13
13
13
13
Timer Modules
1
1
1
1
A/D Channels
4
4
4
4
In-Circuit Serial Programming
Yes Yes Yes Yes
Brown-out Reset
Yes
—
Yes Yes
Interrupt Sources
4
4
4
4
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
MCLR/VPP
VSS
VSS
RB0/INT
RB1
RB2
RB3
RA1/AN1
RA0/AN0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
• 1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
SSOP
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
MCLR/VPP
VSS
RB0/INT
RB1
RB2
RB3
RA1/AN1
RA0/AN0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
• 1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
PDIP, SOIC, Windowed CERDIP


Số phần tương tự - PIC16LC71-10E/SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
PIC16LC712 MICROCHIP-PIC16LC712 Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712 MICROCHIP-PIC16LC712 Datasheet
1Mb / 106P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
11/29/12 1999-2013
PIC16LC712-04/JW MICROCHIP-PIC16LC712-04/JW Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712-04/P MICROCHIP-PIC16LC712-04/P Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16LC712-04/SO MICROCHIP-PIC16LC712-04/SO Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
More results

Mô tả tương tự - PIC16LC71-10E/SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16LC63A-04 MICROCHIP-PIC16LC63A-04 Datasheet
1Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com