công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8250G bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện TLE8250G
Giải thích chi tiết về linh kiện  High Speed CAN-Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250G bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  TLE8250G Datasheet HTML 1Page - Infineon Technologies AG TLE8250G Datasheet HTML 2Page - Infineon Technologies AG TLE8250G Datasheet HTML 3Page - Infineon Technologies AG TLE8250G Datasheet HTML 4Page - Infineon Technologies AG TLE8250G Datasheet HTML 5Page - Infineon Technologies AG TLE8250G Datasheet HTML 6Page - Infineon Technologies AG TLE8250G Datasheet HTML 7Page - Infineon Technologies AG TLE8250G Datasheet HTML 8Page - Infineon Technologies AG TLE8250G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLE8250G
Pin Configuration
Data Sheet
5
Rev. 1.1, 2014-10-09
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Table 1
Pin Definition and Functions
Pin
Symbol
Function
1TxD
Transmit Data Input;
internal pull-up to
V
CC, “Low” for “Dominant” state.
2GND
Ground
3
VCC
Transceiver Supply Voltage;
100 nF decoupling capacitor to GND required.
4RxD
Receive Data Output;
“Low” in “Dominant” state.
5NRM
Receive-Only Mode input1);
Control input for selecting the Receive-Only mode,
internal pull-up to
V
CC, “Low” to select the Receive-Only mode.
6CANL
CAN Bus Low level I/O;
“Low “ in “Dominant” state.
7CANH
CAN Bus High level I/O;
“High “ in “Dominant” state.
8NEN
Not ENable Input1);
internal pull-up to
V
CC,
“Low” to select Normal Operation mode or Receive-Only mode.
1) The naming of pin 8 and pin 5 are different between the TLE8250G and its forerunner model the TLE6250G. The function
of pin 8 and pin 5 remains the same.
TxD
1
2
3
45
6
7
8
RxD
NEN
GND
VCC
CANH
CANL
NRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com