| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8209-2 bảng dữ liệu(PDF) 39 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8209-2 bảng dữ liệu(HTML) 39 Page - Infineon Technologies AG |
|
39 / 41 page ![]() Data Sheet 39 Rev. 1.4, 2014-10-28 TLE8209-2 Package Outlines TLE8209-2E 12 Package Outlines TLE8209-2E Figure 23 PG-DSO-20-71 (Plastic Dual Small Outline Package) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Exposed Diepad Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion of 0.05 max. per side Index Marking Ejector Mark Ejector Mark 1 10 10 7 1 20 11 Bottom View 11 20 1.27 ±0.08 0.4 2) A-B 0.25 M 20x CD 20x C C 0.1 -0.2 7.6 1) 0.35 x 45˚ 0.7 ±0.2 10.3 ±0.3 A D 1) 12.8-0.2 B PG-DSO-20-30-PO V01 0.65 7 1.27 PG-DSO-20-30-FP V01 Footprint: You can find all of our packages, sorts of packing and others in our Infineon Internet Page: http://www.infineon.com/packages Dimensions in mm |