công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10I/SS bảng dữ liệu(PDF) 56 Page - Microchip Technology

tên linh kiện PIC16LC71-10I/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10I/SS bảng dữ liệu(HTML) 56 Page - Microchip Technology

Back Button PIC16LC71-10I/SS Datasheet HTML 52Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 53Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 54Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 55Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 56Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 57Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 58Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 59Page - Microchip Technology PIC16LC71-10I/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 176 page
background image
PIC16C71X
DS30272A-page 56
© 1997 Microchip Technology Inc.
TABLE 8-10:
RESET CONDITION FOR SPECIAL REGISTERS, PIC16C710/71/711
TABLE 8-11:
RESET CONDITION FOR SPECIAL REGISTERS, PIC16C715
Condition
Program
Counter
STATUS
Register
PCON
Register
PIC16C710/711
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
000h
000u uuuu
---- --uu
MCLR Reset during SLEEP
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 1uuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset (PIC16C710/711)
000h
0001 1uuu
---- --u0
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit read as '0'.
Note 1: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded
with the interrupt vector (0004h).
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
u--- -10x
MCLR Reset during normal operation
000h
000u uuuu
u--- -uuu
MCLR Reset during SLEEP
000h
0001 0uuu
u--- -uuu
WDT Reset
000h
0000 1uuu
u--- -uuu
WDT Wake-up
PC + 1
uuu0 0uuu
u--- -uuu
Brown-out Reset
000h
0001 1uuu
u--- -uu0
Parity Error Reset
000h
uuu1 0uuu
u--- -0uu
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
u--- -uuu
Legend: u = unchanged, x = unknown, - = unimplemented bit read as '0'.
Note 1: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com