công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10/SS bảng dữ liệu(PDF) 168 Page - Microchip Technology

tên linh kiện PIC16LC71-10/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10/SS bảng dữ liệu(HTML) 168 Page - Microchip Technology

Back Button PIC16LC71-10/SS Datasheet HTML 164Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 165Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 166Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 167Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 168Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 169Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 170Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 171Page - Microchip Technology PIC16LC71-10/SS Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 176 page
background image
PIC16C71X
DS30390D-page 168
© 1997 Microchip Technology Inc.
Figure 14-6:
Typical RC Oscillator Frequency vs.
VDD.......................................................... 126
Figure 14-7:
Typical RC Oscillator Frequency vs.
VDD.......................................................... 126
Figure 14-8:
Typical IPD vs. VDD Brown-out Detect
Enabled (RC Mode) ................................ 127
Figure 14-9:
Maximum IPD vs. VDD Brown-out Detect
Enabled
(85
°C to -40°C, RC Mode) ...................... 127
Figure 14-10:
Typical IPD vs. Timer1 Enabled (32 kHz,
RC0/RC1 = 33 pF/33 pF, RC Mode) ....... 127
Figure 14-11:
Maximum IPD vs. Timer1 Enabled
(32 kHz, RC0/RC1 = 33 pF/33 pF,
85
°C to -40°C, RC Mode)........................ 127
Figure 14-12:
Typical IDD vs. Frequency
(RC Mode @ 22 pF, 25
°C)...................... 128
Figure 14-13:
Maximum IDD vs. Frequency
(RC Mode @ 22 pF, -40
°C to 85°C)........ 128
Figure 14-14:
Typical IDD vs. Frequency
(RC Mode @ 100 pF, 25
°C).................... 129
Figure 14-15:
Maximum IDD vs. Frequency
(RC Mode @ 100 pF, -40
°C to 85°C)...... 129
Figure 14-16:
Typical IDD vs. Frequency
(RC Mode @ 300 pF, 25
°C).................... 130
Figure 14-17:
Maximum IDD vs. Frequency
(RC Mode @ 300 pF, -40
°C to 85°C)...... 130
Figure 14-18:
Typical IDD vs. Capacitance @ 500 kHz
(RC Mode)............................................... 131
Figure 14-19:
Transconductance(gm) of
HS Oscillator vs. VDD .............................. 131
Figure 14-20:
Transconductance(gm) of
LP Oscillator vs. VDD............................... 131
Figure 14-21:
Transconductance(gm) of
XT Oscillator vs. VDD .............................. 131
Figure 14-22:
Typical XTAL Startup Time vs.
VDD (LP Mode, 25
°C).............................. 132
Figure 14-23:
Typical XTAL Startup Time vs.
VDD (HS Mode, 25
°C) ............................. 132
Figure 14-24:
Typical XTAL Startup Time vs.
VDD (XT Mode, 25
°C).............................. 132
Figure 14-25:
Typical IDD vs. Frequency
(LP Mode, 25
°C) ..................................... 133
Figure 14-26:
Maximum IDD vs. Frequency
(LP Mode, 85
°C to -40°C) ....................... 133
Figure 14-27:
Typical IDD vs. Frequency
(XT Mode, 25
°C) ..................................... 133
Figure 14-28:
Maximum IDD vs. Frequency
(XT Mode, -40
°C to 85°C)....................... 133
Figure 14-29:
Typical IDD vs. Frequency
(HS Mode, 25
°C)..................................... 134
Figure 14-30:
Maximum IDD vs. Frequency
(HS Mode, -40
°C to 85°C)....................... 134
Figure 15-1:
Load Conditions ...................................... 140
Figure 15-2:
External Clock Timing ............................. 141
Figure 15-3:
CLKOUT and I/O Timing ......................... 142
Figure 15-4:
Reset, Watchdog Timer, Oscillator
Start-up Timer and Power-up Timer
Timing ..................................................... 143
Figure 15-5:
Timer0 External Clock Timings ............... 144
Figure 15-6:
A/D Conversion Timing ........................... 146
Figure 16-1:
Typical RC Oscillator Frequency vs.
Temperature............................................ 147
Figure 16-2:
Typical RC Oscillator Frequency vs.
VDD.......................................................... 147
Figure 16-3:
Typical RC Oscillator Frequency vs.
VDD.......................................................... 147
Figure 16-4:
Typical RC Oscillator Frequency vs.
VDD ......................................................... 148
Figure 16-5:
Typical Ipd vs. VDD Watchdog Timer
Disabled 25
°C......................................... 148
Figure 16-6:
Typical Ipd vs. VDD Watchdog Timer
Enabled 25
°C.......................................... 148
Figure 16-7:
Maximum Ipd vs. VDD Watchdog
Disabled .................................................. 149
Figure 16-8:
Maximum Ipd vs. VDD Watchdog
Enabled................................................... 149
Figure 16-9:
Vth (Input Threshold Voltage) of
I/O Pins vs. VDD ...................................... 149
Figure 16-10:
VIH, VIL of MCLR, T0CKI and OSC1
(in RC Mode) vs. VDD ............................. 150
Figure 16-11:
VTH (Input Threshold Voltage)
of OSC1 Input (in XT, HS, and
LP Modes) vs. VDD ................................. 150
Figure 16-12:
Typical IDD vs. Freq (Ext Clock, 25
°C).... 151
Figure 16-13:
Maximum, IDD vs. Freq (Ext Clock,
-40
° to +85°C)......................................... 151
Figure 16-14:
Maximum IDD vs. Freq with A/D Off
(Ext Clock, -55
° to +125°C) .................... 152
Figure 16-15:
WDT Timer Time-out Period vs. VDD...... 152
Figure 16-16:
Transconductance (gm) of
HS Oscillator vs. VDD.............................. 152
Figure 16-17:
Transconductance (gm) of
LP Oscillator vs. VDD .............................. 153
Figure 16-18:
Transconductance (gm) of
XT Oscillator vs. VDD .............................. 153
Figure 16-19:
IOH vs. VOH, VDD = 3V .......................... 153
Figure 16-20:
IOH vs. VOH, VDD = 5V .......................... 153
Figure 16-21:
IOL vs. VOL, VDD = 3V ........................... 154
Figure 16-22:
IOL vs. VOL, VDD = 5V ........................... 154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com