| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LC71-10/SS bảng dữ liệu(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71-10/SS bảng dữ liệu(HTML) 64 Page - Microchip Technology |
|
64 / 176 page ![]() PIC16C71X DS30272A-page 64 © 1997 Microchip Technology Inc. 8.6 Context Saving During Interrupts During an interrupt, only the return PC value is saved on the stack. Typically, users may wish to save key reg- isters during an interrupt i.e., W register and STATUS register. This will have to be implemented in software. Example 8-1 stores and restores the STATUS and W registers. The user register, STATUS_TEMP, must be defined in bank 0. The example: a) Stores the W register. b) Stores the STATUS register in bank 0. c) Executes the ISR code. d) Restores the STATUS register (and bank select bit). e) Restores the W register. EXAMPLE 8-1: SAVING STATUS AND W REGISTERS IN RAM MOVWF W_TEMP ;Copy W to TEMP register, could be bank one or zero SWAPF STATUS,W ;Swap status to be saved into W MOVWF STATUS_TEMP ;Save status to bank zero STATUS_TEMP register : :(ISR) : SWAPF STATUS_TEMP,W ;Swap STATUS_TEMP register into W ;(sets bank to original state) MOVWF STATUS ;Move W into STATUS register SWAPF W_TEMP,F ;Swap W_TEMP SWAPF W_TEMP,W ;Swap W_TEMP into W |