| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C641-04/TQ bảng dữ liệu(PDF) 107 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C641-04/TQ bảng dữ liệu(HTML) 107 Page - Microchip Technology |
|
107 / 136 page ![]() © 1996 Microchip Technology Inc. Preliminary DS30559A-page 107 PIC16C64X & PIC16C66X Package Type: 28-Lead Ceramic Side Brazed Dual In-Line with Window (JW) (300 mil) Package Group: Ceramic Side Brazed Dual In-Line (CER) Symbol Millimeters Inches Min Max Notes Min Max Notes α 0 ° 10 ° 0 ° 10 ° A 3.937 5.030 0.155 0.198 A1 1.016 1.524 0.040 0.060 A2 2.921 3.506 0.115 0.138 A3 1.930 2.388 0.076 0.094 B 0.406 0.508 0.016 0.020 B1 1.219 1.321 Typical 0.048 0.052 C 0.228 0.305 Typical 0.009 0.012 D 35.204 35.916 1.386 1.414 D1 32.893 33.147 BSC 1.295 1.305 E 7.620 8.128 0.300 0.320 E1 7.366 7.620 0.290 0.300 e1 2.413 2.667 Typical 0.095 0.105 eA 7.366 7.874 BSC 0.290 0.310 eB 7.594 8.179 0.299 0.322 L 3.302 4.064 0.130 0.160 S 1.143 1.397 0.045 0.055 S1 0.533 0.737 0.021 0.029 E1 E S Base Plane Seating Plane B1 B S1 D L A1 A2 A3 A e1 Pin No. 1 Indicator Area D1 α C eA eB |