công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3477AMM/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM3477AMM/NOPB
Giải thích chi tiết về linh kiện  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3477AMM/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LM3477AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 16Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 17Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 18Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 19Page - Texas Instruments LM3477AMM/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
RSN(MAX)=
0.135 - 0.6 (0.135 - .025)
1.15 (3)
= 0.02:
RSN(MAX) =
VCL(0)(MIN) - DMAX (VCL(0)(MIN) - VCL(100)(MIN))
1.15 x IOUT(MAX)
|
VCL(0)(MIN) - DMAX (VCL(0)(MIN) - VCL(100)(MIN))
VOUT(1-DMAX)
2 x L x fS
IOUT(MAX) +
VSEN(PEAK) =
) (V), RSL = 0
VOUT(1-DMAX)
2 x L x fS
RSN(IOUT(MAX) +
RSN x IOUT(MAX)(1+ 0.15) (V)
|
xx
xx
xx
xx
DUTY CYCLE (%)
0
20
40
60
80
0
100
200
100
VCL(0)
VCL(D)
32
11
VSEN
VHYS(LM3477)
VHYS(LM3477A)
VSEN(PEAK)
VCL(100)
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
PROGRAMMING THE CURRENT LIMIT/HYSTERETIC THRESHOLD
Definitions
Current Limit: The current limit is the point at which the LM3477/A begins to limit the peak switch current. The
current limit in the LM3477/A varies with duty cycle, which is a function of the VIN − VOUT differential.
Hysteric Threshold: Hysteretic threshold is the current at which the LM3477/A enters the hysteretic mode of
operation (see OVER VOLTAGE PROTECTION). The hysteretic threshold is with respect to the peak switch
current.
SETTING CURRENT LIMIT AND HYSTERETIC THRESHOLD
The adjustable current limit of the LM3477/A is set by the sense resistor RSN. The voltage across RSN is
compared to an internal control voltage VC. The onset of current limiting is when VSEN(peak) equals VC(max), or VCL.
VSEN is defined here as the differential voltage from the VIN pin to the ISEN pin. VCL decreases as the duty cycle
increases, as shown in Figure 26. Therefore, it is important to know both VSEN(peak) and VCL(min) at the maximum
operating duty cycle, or lowest VIN condition.
Figure 26. Current Limit and Hysteretic Threshold vs Duty Cycle
(8)
VCL(MIN) = VCL(0)(MIN) − D(MAX) (VCL(0)(MIN) − VCL(100)(MIN))
(9)
where DMAX is the duty cycle at the lowest VIN condition.
To avoid current limit,
VSEN(peak) < VCL(MIN)
(10)
Therefore,
(11)
Example: VIN(MIN) = 4.5V, VOUT = 2.5V, IOUT(MAX) = 3A
(12)
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com