| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC642EUA bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC642EUA bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 28 page ![]() TC642 DS21444C-page 20 2002 Microchip Technology Inc. 8-Lead Plastic Micro Small Outline Package (MS) (MSOP) p A A1 A2 D L c Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not .037 .035 F Footprint (Reference) exceed. 010" (0.254mm) per side. Notes: Drawing No. C04-111 *Controlling Parameter Mold Draft Angle Top Mold Draft Angle Bottom Foot Angle Lead Width Lead Thickness β α c B φ 7 7 .004 .010 0 .006 .012 (F) β Dimension Limits Overall Height Molded Package Thickness Molded Package Width Overall Length Foot Length Standoff § Overall Width Number of Pins Pitch A L E1 D A1 E A2 .016 .114 .114 .022 .118 .118 .002 .030 .193 .034 MIN p n Units .026 NOM 8 INCHES 1.00 0.95 0.90 .039 0.15 0.30 .008 .016 6 0.10 0.25 0 7 7 0.20 0.40 6 MILLIMETERS* 0.65 0.86 3.00 3.00 0.55 4.90 .044 .122 .028 .122 .038 .006 0.40 2.90 2.90 0.05 0.76 MIN MAX NOM 1.18 0.70 3.10 3.10 0.15 0.97 MAX 8 α E1 E B n 1 2 φ § Significant Characteristic .184 .200 4.67 .5.08 |