| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C54-LPI/SS bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPI/SS bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 217 page ![]() PIC16C5X DS30453B-page 32 Preliminary © 1998 Microchip Technology Inc. FIGURE 7-2: CONFIGURATION WORD FOR PIC16C52/C54/C54A/C55/C56/C57/C58A — — — — — — — — CP WDTE FOSC1 FOSC0 Register: CONFIG Address(1): FFFh bit11 10 987654321 bit0 bit 11-4: Unimplemented: Read as ’0’ bit 3: CP: Code protection bit. 1 = Code protection off 0 = Code protection on bit 2: WDTE: Watchdog timer enable bit (not implemented on PIC16C52) 1 = WDT enabled 0 = WDT disabled bit 1-0: FOSC1:FOSC0: Oscillator selection bits(2) 11 = RC oscillator 10 = HS oscillator 01 = XT oscillator 00 = LP oscillator Note 1: Refer to the PIC16C5X Programming Specifications (Literature Number DS30190) to deter- mine how to access the configuration word. 2: PIC16C52 supports XT and RC oscillator only. PIC16LV54A supports XT, RC and LP oscillator only. PIC16LV58A supports XT, RC and LP oscillator only. |