| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C641-04/SP bảng dữ liệu(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C641-04/SP bảng dữ liệu(HTML) 74 Page - Microchip Technology |
|
74 / 136 page ![]() PIC16C64X & PIC16C66X DS30559A-page 74 © 1996 Microchip Technology Inc. 10.1 Special Function Registers as Source/Destination The PIC16C64X & PIC16C66X’s orthogonal instruction set allows read and write of all file registers, including special function registers. There are some special situ- ations the user should be aware of: 10.1.1 STATUS AS DESTINATION If an instruction writes to STATUS, the Z, C, and DC bits may be set or cleared as a result of the instruction and overwrite the original data bits written. For example, executing CLRF STATUS will clear register STATUS, and then set the Z bit leaving 0000 0100b in the reg- ister. 10.1.2 PCL AS SOURCE OR DESTINATION Read, write or read-modify-write on PCL may have the following results: Read PC: PCL → dest Write PCL: PCLATH → PCH; 8-bit destination value → PCL Read-Modify-Write: PCL → ALU operand PCLATH → PCH; 8-bit result → PCL Where PCH = program counter high byte (not an addressable register), PCLATH = Program counter high holding latch, dest = destination, WREG or f. 10.1.3 BIT MANIPULATION All bit manipulation instructions are done by first read- ing the entire register, operating on the selected bit and writing the result back (read-modify-write). The user should keep this in mind when operating on special function registers, such as ports. |