| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16LC712-20/SS bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC712-20/SS bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 108 page ![]() PIC16C712/716 DS41106A-page 56 Preliminary © 1999 Microchip Technology Inc. FIGURE 9-6: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT FIGURE 9-7: BROWN-OUT SITUATIONS S R Q External Reset MCLR VDD OSC1 WDT Module VDD rise detect OST/PWRT On-chip RC OSC WDT Time-out Power-on Reset OST 10-bit Ripple counter PWRT Chip_Reset 10-bit Ripple counter Reset Enable OST Enable PWRT SLEEP Note 1: This is a separate oscillator from the RC oscillator of the CLKIN pin. Brown-out Reset BODEN (1) PWRT BODEN See Table 9-3 for time-out situations. 72 ms VBOR VDD Internal Reset VBOR VDD Internal Reset 72 ms <72 ms 72 ms VBOR VDD Internal Reset |