| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C71-04E/SS bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C71-04E/SS bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 176 page ![]() PIC16C71X DS30272A-page 8 © 1997 Microchip Technology Inc. FIGURE 3-1: PIC16C71X BLOCK DIAGRAM EPROM Program Memory 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) RAM File Registers Direct Addr 7 RAM Addr (1) 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR VDD, VSS Timer0 A/D PORTA PORTB RB0/INT RB7:RB1 8 8 Brown-out Reset(2) Note 1: Higher order bits are from the STATUS register. 2: Brown-out Reset is not available on the PIC16C71. Device Program Memory Data Memory (RAM) PIC16C710 PIC16C71 PIC16C711 PIC16C715 512 x 14 1K x 14 1K x 14 2K x 14 36 x 8 36 x 8 68 x 8 128 x 8 RA4/T0CKI RA3/AN3/VREF RA2/AN2 RA1/AN1 RA0/AN0 8 3 |