| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC3402VQR bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC3402VQR bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 16 page ![]() TC3402 DS21411B-page 8 © 2002 Microchip Technology Inc. FIGURE 3-4: A/D OPERATIONAL FLOWCHART Yes No Yes No Yes Yes Yes No No No Yes Yes No Yes No POR Sleep SDAT = High SCLK Hgh to Low? Power Up Analog, Start CONVCLK (= 0), Start Conversion, Resolution = 2m (m = 16), Latch Input Channel Address (if applicable). SCLK Low to High transition? SDAT = Low CONVCLK < 29? SCLK High to Low? A/D Resolution > 210? Reduce A/D Resolution by 1-bit (m = m – 1); SDAT = High SDAT = Low CONVCLK = 2m? (Conversion Done?) Power Down Analog, Conversion Complete, SDAT = High SCLK High to Low? SDAT = Dm; m = m – 1 m ≥ 0? SDAT = High Internal Reset Sleep No |