công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC62B-04/SP bảng dữ liệu(PDF) 74 Page - Microchip Technology

tên linh kiện PIC16LC62B-04/SP
Giải thích chi tiết về linh kiện  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62B-04/SP bảng dữ liệu(HTML) 74 Page - Microchip Technology

Back Button PIC16LC62B-04/SP Datasheet HTML 70Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 71Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 72Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 73Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 74Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 75Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 76Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 77Page - Microchip Technology PIC16LC62B-04/SP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
PIC16C62B/72A
DS35008B-page 74
Preliminary
© 1999 Microchip Technology Inc.
SUBLW
Subtract W from Literal
Syntax:
[
label ]SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k - (W)
→ (W)
Status Affected: C, DC, Z
Description:
The W register is subtracted (2’s com-
plement method) from the eight bit lit-
eral 'k'. The result is placed in the W
register.
SUBWF
Subtract W from f
Syntax:
[
label ]SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (destination)
Status
Affected:
C, DC, Z
Description:
Subtract (2’s complement method) W
register from register 'f'. If 'd' is 0, the
result is stored in the W register. If 'd' is
1, the result is stored back in register 'f'.
SWAPF
Swap Nibbles in f
Syntax:
[
label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of regis-
ter 'f' are exchanged. If 'd' is 0, the
result is placed in W register. If 'd' is 1,
the result is placed in register 'f'.
XORLW
Exclusive OR Literal with W
Syntax:
[
label]XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register are
XOR’ed with the eight bit literal 'k'.
The result is placed in the W regis-
ter.
XORWF
Exclusive OR W with f
Syntax:
[
label]
XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the W
register with register 'f'. If 'd' is 0, the
result is stored in the W register. If 'd'
is 1, the result is stored back in regis-
ter 'f'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More