| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP38693-Q1 bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP38693-Q1 bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP38693MPX-5.0/NOPB ACTIVE SOT-223 NDC 5 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJZB LP38693QSD-1.8/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L260B LP38693QSD-2.5/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L261B LP38693QSD-3.3/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L262B LP38693QSD-5.0/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L263B LP38693QSDX-1.8/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L260B LP38693QSDX-2.5/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L261B LP38693QSDX-3.3/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L262B LP38693QSDX-5.0/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L263B LP38693SD-1.8 NRND WSON NGG 6 1000 TBD Call TI Call TI -40 to 125 L128B LP38693SD-1.8/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 L128B LP38693SD-2.5/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L129B LP38693SD-3.3 NRND WSON NGG 6 1000 TBD Call TI Call TI -40 to 125 L130B LP38693SD-3.3/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 L130B LP38693SD-5.0 NRND WSON NGG 6 1000 TBD Call TI Call TI -40 to 125 L131B LP38693SD-5.0/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 L131B LP38693SDX-3.3/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 L130B LP38693SDX-5.0/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L131B (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. |