công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C72-04/SP bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện PIC16C72-04/SP
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-04/SP bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button PIC16C72-04/SP Datasheet HTML 67Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 68Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 69Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 70Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 71Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 72Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 73Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 74Page - Microchip Technology PIC16C72-04/SP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 288 page
background image
© 1997 Microchip Technology Inc.
DS30390E-page 71
PIC16C7X
10.0
CAPTURE/COMPARE/PWM
MODULE(s)
Each CCP (Capture/Compare/PWM) module contains
a 16-bit register which can operate as a 16-bit capture
register, as a 16-bit compare register or as a PWM
master/slave Duty Cycle register. Both the CCP1 and
CCP2 modules are identical in operation, with the
exception of the operation of the special event trigger.
Table 10-1 and Table 10-2 show the resources and
interactions of the CCP module(s). In the following sec-
tions, the operation of a CCP module is described with
respect to CCP1. CCP2 operates the same as CCP1,
except where noted.
Applicable Devices
72 73 73A 74 74A 76 77 CCP1
72 73 73A 74 74A 76 77 CCP2
CCP1 module:
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. All are readable and writable.
CCP2 module:
Capture/Compare/PWM Register2 (CCPR2) is com-
prised of two 8-bit registers: CCPR2L (low byte) and
CCPR2H (high byte). The CCP2CON register controls
the operation of CCP2. All are readable and writable.
For use of the CCP modules, refer to the Embedded
Control Handbook,
"Using the CCP Modules" (AN594).
TABLE 10-1:
CCP MODE - TIMER
RESOURCE
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
TABLE 10-2:
INTERACTION OF TWO CCP MODULES
CCPx Mode CCPy Mode
Interaction
Capture
Capture
Same TMR1 time-base.
Capture
Compare
The compare should be configured for the special event trigger, which clears TMR1.
Compare
Compare
The compare(s) should be configured for the special event trigger, which clears TMR1.
PWM
PWM
The PWMs will have the same frequency, and update rate (TMR2 interrupt).
PWM
Capture
None
PWM
Compare
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com