| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
16F873 bảng dữ liệu(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F873 bảng dữ liệu(HTML) 80 Page - Microchip Technology |
|
80 / 218 page ![]() PIC16F87X DS30292C-page 78 2001 Microchip Technology Inc. 9.2.5 MASTER MODE Master mode of operation is supported by interrupt generation on the detection of the START and STOP conditions. The STOP (P) and START (S) bits are cleared from a RESET, or when the MSSP module is disabled. Control of the I2C bus may be taken when the P bit is set, or the bus is idle, with both the S and P bits clear. In Master mode, the SCL and SDA lines are manipu- lated by the MSSP hardware. The following events will cause the SSP Interrupt Flag bit, SSPIF, to be set (an SSP interrupt will occur if enabled): • START condition • STOP condition • Data transfer byte transmitted/received • Acknowledge transmit • Repeated START FIGURE 9-9: SSP BLOCK DIAGRAM (I 2C MASTER MODE) 9.2.6 MULTI-MASTER MODE In Multi-Master mode, the interrupt generation on the detection of the START and STOP conditions allows the determination of when the bus is free. The STOP (P) and START (S) bits are cleared from a RESET or when the MSSP module is disabled. Control of the I2C bus may be taken when bit P (SSPSTAT<4>) is set, or the bus is idle with both the S and P bits clear. When the bus is busy, enabling the SSP Interrupt will gener- ate the interrupt when the STOP condition occurs. In Multi-Master operation, the SDA line must be moni- tored for arbitration to see if the signal level is the expected output level. This check is performed in hard- ware, with the result placed in the BCLIF bit. The states where arbitration can be lost are: • Address Transfer • Data Transfer • A START Condition • A Repeated START Condition • An Acknowledge Condition Read Write SSPSR START bit, STOP bit, SSPBUF Internal Data Bus Set/Reset, S, P, WCOL (SSPSTAT) Shift Clock MSb LSb SDA Acknowledge Generate SCL SCL in Bus Collision SDA in SSPADD<6:0> Baud Set SSPIF, BCLIF Reset ACKSTAT, PEN (SSPCON2) Rate Generator SSPM3:SSPM0, START bit Detect, STOP bit Detect Write Collision Detect Clock Arbitration State Counter for end of XMIT/RCV |