| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C54AT-04E/SS bảng dữ liệu(PDF) 90 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54AT-04E/SS bảng dữ liệu(HTML) 90 Page - Microchip Technology |
|
90 / 217 page ![]() PIC16C5X PIC16CR54A DS30453B-page 90 Preliminary © 1998 Microchip Technology Inc. TABLE 13-1: CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES) OSC PIC16CR54A-04 PIC16CR54A-10 PIC16CR54A-20 PIC16LCR54A-04 RC VDD: 2.5 V to 6.25 V IDD: 3.6 mA max at 6.0 V IPD: 6.0 µA max at 2.5 V, WDT dis Freq: 4 MHz max N/A N/A N/A XT VDD: 2.5 V to 6.25 V IDD: 3.6 mA max at 6.0 V IPD: 6.0 µA max at 2.5 V, WDT dis Freq: 4.0 MHz max N/A N/A N/A HS N/A VDD: 4.5 V to 5.5 V IDD: 10 mA max at 5.5 V IPD: 6.0 µA max at 2.5 V, WDT dis Freq: 10 MHz max VDD: 4.5 V to 5.5 V IDD: 10 mA max at 5.5 V IPD: 6.0 µA max at 2.5 V, WDT dis Freq: 20 MHz max N/A LP N/A N/A N/A VDD: 2.0 V to 6.25 V IDD: 20 µA max at 32 kHz, 2.0 V IPD: 6.0 µA max at 2.5 V, WDT dis Freq: 200 kHz max The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended that the user select the device type from information in unshaded sections. |