| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C72-02/SP bảng dữ liệu(PDF) 85 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C72-02/SP bảng dữ liệu(HTML) 85 Page - Microchip Technology |
|
85 / 124 page ![]() PIC16C72 Series © 1998 Microchip Technology Inc. Preliminary DS39016A-page 85 FIGURE 13-3: CLKOUT AND I/O TIMING TABLE 13-4 CLKOUT AND I/O TIMING REQUIREMENTS Parameter No. Sym Characteristic Min Typ† Max Units Conditions 10* TosH2ckL OSC1 ↑ to CLKOUT↓ — 75 200 ns Note 1 11* TosH2ckH OSC1 ↑ to CLKOUT↑ — 75 200 ns Note 1 12* TckR CLKOUT rise time — 35 100 ns Note 1 13* TckF CLKOUT fall time — 35 100 ns Note 1 14* TckL2ioV CLKOUT ↓ to Port out valid — — 0.5TCY + 20 ns Note 1 15* TioV2ckH Port in valid before CLKOUT ↑ TOSC + 200 — — ns Note 1 16* TckH2ioI Port in hold after CLKOUT ↑ 0 — — ns Note 1 17* TosH2ioV OSC1 ↑ (Q1 cycle) to Port out valid — 50 150 ns 18* TosH2ioI OSC1 ↑ (Q2 cycle) to Port input invalid (I/O in hold time) PIC16C72/CR72 100 — — ns PIC16LC72/LCR72 200 — — ns 19* TioV2osH Port input valid to OSC1 ↑ (I/O in setup time) 0 — — ns 20* TioR Port output rise time PIC16C72/CR72 — 10 40 ns PIC16LC72/LCR72 — — 80 ns 21* TioF Port output fall time PIC16C72/CR72 — 10 40 ns PIC16LC72/LCR72 — — 80 ns 22††* Tinp INT pin high or low time TCY — — ns 23††* Trbp RB7:RB4 change INT high or low time TCY — — ns * These parameters are characterized but not tested. † Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not tested. †† These parameters are asynchronous events not related to any internal clock edges. Note 1: Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC. Note: Refer to Figure 13-1 for load conditions. OSC1 CLKOUT I/O Pin (input) I/O Pin (output) Q4 Q1 Q2 Q3 10 13 14 17 20, 21 19 18 15 11 12 16 old value new value |