| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F648A-E/ML bảng dữ liệu(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F648A-E/ML bảng dữ liệu(HTML) 52 Page - Microchip Technology |
|
52 / 168 page ![]() PIC16F627A/628A/648A DS40044A-page 50 Preliminary 2002 Microchip Technology Inc. 7.3 Timer1 Operation in Asynchronous Counter Mode If control bit T1SYNC (T1CON<2>) is set, the external clock input is not synchronized. The timer continues to increment asynchronous to the internal phase clocks. The timer will continue to run during SLEEP and can generate an interrupt on overflow, which will wake-up the processor. However, special precautions in soft- ware are needed to read/write the timer (Section 7.3.2). 7.3.1 EXTERNAL CLOCK INPUT TIMING WITH UNSYNCHRONIZED CLOCK If control bit T1SYNC is set, the timer will increment completely asynchronously. The input clock must meet certain minimum high and low time requirements. Refer to Table 17-9 in the Electrical Specifications Section, timing parameters 45, 46, and 47. 7.3.2 READING AND WRITING TIMER1 IN ASYNCHRONOUS COUNTER MODE Reading the TMR1H or TMR1L register while the timer is running, from an external asynchronous clock, will produce a valid read (taken care of in hardware). How- ever, the user should keep in mind that reading the 16- bit timer in two 8-bit values itself poses certain prob- lems since the timer may overflow between the reads. For writes, it is recommended that the user simply stop the timer and write the desired values. A write conten- tion may occur by writing to the timer registers while the register is incrementing. This may produce an unpre- dictable value in the timer register. Reading the 16-bit value requires some care. Example 7-1 is an example routine to read the 16-bit timer value. This is useful if the timer cannot be stopped. EXAMPLE 7-1: READING A 16-BIT FREE- RUNNING TIMER Note: In Asynchronous Counter mode, Timer1 cannot be used as a time-base for capture or compare operations. ; All interrupts are disabled MOVF TMR1H, W ;Read high byte MOVWF TMPH ; MOVF TMR1L, W ;Read low byte MOVWF TMPL ; MOVF TMR1H, W ;Read high byte SUBWF TMPH, W ;Sub 1st read with ;2nd read BTFSC STATUS,Z ;Is result = 0 GOTO CONTINUE ;Good 16-bit read ; ; TMR1L may have rolled over between the ; read of the high and low bytes. Reading ; the high and low bytes now will read a good ; value. ; MOVF TMR1H, W ;Read high byte MOVWF TMPH ; MOVF TMR1L, W ;Read low byte MOVWF TMPL ; ; Re-enable the Interrupts (if required) CONTINUE ;Continue with your ;code |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |