| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3852ES-2.5/NOPB bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3852ES-2.5/NOPB bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3852EMP-1.8 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LHTB LP3852EMP-1.8/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHTB LP3852EMP-2.5 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LHUB LP3852EMP-2.5/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHUB LP3852EMP-3.3 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LHVB LP3852EMP-3.3/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHVB LP3852EMP-5.0/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHXB LP3852EMPX-1.8/NOPB ACTIVE SOT-223 NDC 5 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHTB LP3852ES-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -1.8 LP3852ES-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -2.5 LP3852ES-3.3 NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3852ES -3.3 LP3852ES-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -3.3 LP3852ES-5.0/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -5.0 LP3852ESX-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -1.8 LP3852ESX-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -2.5 LP3852ESX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -3.3 LP3852ESX-5.0/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3852ES -5.0 LP3852ET-1.8/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3852ET -1.8 |