| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3852 bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3852 bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3852ET-2.5/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3852ET -2.5 LP3852ET-3.3/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3852ET -3.3 LP3852ET-5.0/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3852ET -5.0 LP3855EMP-1.8/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHYB LP3855EMP-2.5/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LHZB LP3855EMP-3.3/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJ1B LP3855EMP-5.0/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJ2B LP3855EMPX-5.0/NOPB ACTIVE SOT-223 NDC 5 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJ2B LP3855ES-1.8 NRND DDPAK/ TO-263 KTT 5 45 TBD Call TI Call TI -40 to 125 LP3855ES -1.8 LP3855ES-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -1.8 LP3855ES-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -2.5 LP3855ES-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -3.3 LP3855ES-5.0/NOPB ACTIVE DDPAK/ TO-263 KTT 5 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -5.0 LP3855ESX-1.8/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -1.8 LP3855ESX-2.5/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -2.5 LP3855ESX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -3.3 LP3855ESX-5.0/NOPB ACTIVE DDPAK/ TO-263 KTT 5 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LP3855ES -5.0 LP3855ET-1.8/NOPB ACTIVE TO-220 NDH 5 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP3855ET -1.8 |