công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2992 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện LP2992
Giải thích chi tiết về linh kiện  LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP2992 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button LP2992_15 Datasheet HTML 18Page - Texas Instruments LP2992_15 Datasheet HTML 19Page - Texas Instruments LP2992_15 Datasheet HTML 20Page - Texas Instruments LP2992_15 Datasheet HTML 21Page - Texas Instruments LP2992_15 Datasheet HTML 22Page - Texas Instruments LP2992_15 Datasheet HTML 23Page - Texas Instruments LP2992_15 Datasheet HTML 24Page - Texas Instruments LP2992_15 Datasheet HTML 25Page - Texas Instruments LP2992_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2992AILD-1.5/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L011A
LP2992AILD-1.8/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L012A
LP2992AILD-3.3/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L014A
LP2992AILD-5.0/NOPB
ACTIVE
WSON
NGD
6
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L015A
LP2992AILDX-3.3/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L014A
LP2992AILDX-5.0/NOPB
ACTIVE
WSON
NGD
6
4500
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-3-260C-168 HR
-40 to 125
L015A
LP2992AIM5-1.5/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFBA
LP2992AIM5-1.8
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFCA
LP2992AIM5-1.8/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFCA
LP2992AIM5-2.5
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFDA
LP2992AIM5-2.5/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFDA
LP2992AIM5-3.3
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFEA
LP2992AIM5-3.3/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFEA
LP2992AIM5-5.0
NRND
SOT-23
DBV
5
1000
TBD
Call TI
Call TI
-40 to 125
LFFA
LP2992AIM5-5.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFFA
LP2992AIM5X-1.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFBA
LP2992AIM5X-1.8
NRND
SOT-23
DBV
5
3000
TBD
Call TI
Call TI
-40 to 125
LFCA
LP2992AIM5X-1.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFCA
LP2992AIM5X-2.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LFDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33