| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2989 bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2989 bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2989AILD-3.0/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01HA LP2989AILD-3.3/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01JA LP2989AILD-5.0 NRND WSON NGN 8 1000 TBD Call TI Call TI -40 to 125 L01KA LP2989AILD-5.0/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01KA LP2989AILDX-2.8/NOPB ACTIVE WSON NGN 8 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L000A LP2989AIM-2.5/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM2.5 LP2989AIM-3.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM3.0 LP2989AIM-3.3/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM3.3 LP2989AIM-5.0 NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 2989A IM5.0 LP2989AIM-5.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM5.0 LP2989AIMM-2.5/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA0A LP2989AIMM-3.0/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA1A LP2989AIMM-3.3/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA2A LP2989AIMM-5.0/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA4A LP2989AIMMX-2.5/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA0A LP2989AIMMX-3.3/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA2A LP2989AIMMX-5.0/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA4A |