công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCS152-IS bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện SCS152-IS
Giải thích chi tiết về linh kiện  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button SCS152-IS Datasheet HTML 3Page - Microchip Technology SCS152-IS Datasheet HTML 4Page - Microchip Technology SCS152-IS Datasheet HTML 5Page - Microchip Technology SCS152-IS Datasheet HTML 6Page - Microchip Technology SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology SCS152-IS Datasheet HTML 10Page - Microchip Technology SCS152-IS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 7
3.3
RDBIT/PUTBIT
The RDBIT command increments the internal address
counter on the leading edge of the SCK pulse and
reads the resulting bit in EEPROM. This SDIO line is
updated on the falling edge of the SCK pulse. If the new
address is in the UKEY0 area, the SDIO line will be
tri-stated immediately in preparation of transport code
entry, even if the device is in user mode. Figure 3-2
shows two consecutive RDBIT commands.
The PUTBIT command mirrors a RDBIT command, but
data is transmitted to the chip instead of transmitting
data from the chip. It also increments the internal
address counter. PUTBIT is used to enter the transport
code in issuer mode and the challenge bits, during
signature computation. Figure 3-3 shows data entry,
typically during transport code entry.
FIGURE 3-2:
RDBIT
FIGURE 3-3:
DATA ENTRY (TRANSPORT CODE DETAIL)
SCI
SCK
SDIO
TH
TL
IOMAP(n)
IOMAP(n-1)
TD2
TH
SCI
SCK
SDIO
TH
Tl
IOMAP(147)
TD3
TC
TC(0)
TC(1)
TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16