| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18C601E/PT bảng dữ liệu(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18C601E/PT bảng dữ liệu(HTML) 74 Page - Microchip Technology |
|
74 / 320 page ![]() PIC18C601/801 DS39541A-page 74 Advance Information 2001 Microchip Technology Inc. 6.1 Control Registers Several control registers are used in conjunction with the TBLRD and TBLWT instructions. These include: • TABLAT register • TBLPTR registers 6.1.1 TABLAT - TABLE LATCH REGISTER The Table Latch (TABLAT) is an 8-bit register mapped into the SFR space. The Table Latch is used to hold 8-bit data during data transfers between program mem- ory and data memory. 6.1.2 TBLPTR - TABLE POINTER REGISTER The Table Pointer (TBLPTR) addresses a byte within the program memory. The TBLPTR is comprised of three SFR registers (Table Pointer Upper byte, High byte and Low byte). These three registers (TBLPTRU:TBLPTRH:TBLPTRL) join to form a 21-bit wide pointer. The 21-bits allow the device to address up to 2 Mbytes of program memory space. The table pointer TBLPTR is used by the TBLRD and TBLWRT instructions. These instructions can update the TBLPTR in one of four ways, based on the table operation. These operations are shown in Table 6-1. These operations on the TBLPTR only affect the low order 21-bits. TABLE 6-1: TABLE POINTER OPERATIONS WITH TBLRD AND TBLWT INSTRUCTIONS Example Operation on Table Pointer TBLRD* TBLWT* TBLPTR is not modified TBLRD*+ TBLWT*+ TBLPTR is incremented after the read/write TBLRD*- TBLWT*- TBLPTR is decremented after the read/write TBLRD+* TBLWT+* TBLPTR is incremented before the read/write |