công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16CE623-04E/SS bảng dữ liệu(PDF) 12 Page - Microchip Technology

tên linh kiện PIC16CE623-04E/SS
Giải thích chi tiết về linh kiện  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623-04E/SS bảng dữ liệu(HTML) 12 Page - Microchip Technology

Back Button PIC16CE623-04E/SS Datasheet HTML 8Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 9Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 10Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 11Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 12Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 13Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 14Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 15Page - Microchip Technology PIC16CE623-04E/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
PIC16CE62X
DS40182A-page 12
Preliminary
© 1998 Microchip Technology Inc.
4.2
Data Memory Organization
The data memory (Figure 4-4 and Figure 4-5) is
partitioned into two Banks which contain the general
purpose registers and the special function registers.
Bank 0 is selected when the RP0 bit is cleared. Bank 1
is selected when the RP0 bit (STATUS <5>) is set. The
Special Function Registers are located in the first 32
locations of each Bank. Register locations 20-7Fh
(Bank0) on the PIC16CE623/624 and 20-7Fh (Bank0)
and A0-BFh (Bank1) on the PIC16CE625 are general
purpose registers implemented as static RAM. Some
special purpose registers are mapped in Bank 1. In all
three microcontrollers, address space F0h-FFh is
mapped to 70-7Fh.
4.2.1
GENERAL PURPOSE REGISTER FILE
The register file is organized as 96 x 8 in the
PIC16CE623/624 and 128 x 8 in the PIC16CE625.
Each is accessed either directly or indirectly through
the File Select Register FSR (Section 4.4).
62X.bk Page 12 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More