công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16C62B-04/SP bảng dữ liệu(PDF) 44 Page - Microchip Technology

tên linh kiện PIC16C62B-04/SP
Giải thích chi tiết về linh kiện  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C62B-04/SP bảng dữ liệu(HTML) 44 Page - Microchip Technology

Back Button PIC16C62B-04/SP Datasheet HTML 40Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 41Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 42Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 43Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 44Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 45Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 46Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 47Page - Microchip Technology PIC16C62B-04/SP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
PIC16C62B/72A
DS35008B-page 44
Preliminary
© 1999 Microchip Technology Inc.
8.3.1.3
TRANSMISSION
When the R/W bit of the incoming address byte is set
and an address match occurs, the R/W bit of the
SSPSTAT register is set. The received address is
loaded into the SSPBUF register. The ACK pulse will
be sent on the ninth bit and the CKP will be cleared by
hardware, holding SCL low. Slave devices cause the
master to wait by holding the SCL line low. The transmit
data is loaded into the SSPBUF register, which in turn
loads the SSPSR register. When bit CKP (SSP-
CON<4>) is set, pin RC3/SCK/SCL releases SCL.
When the SCL line goes high, the master may resume
operating the SCL line and receiving data. The master
must monitor the SCL pin prior to asserting another
clock pulse. The slave devices may be holding off the
master by stretching the clock. The eight data bits are
shifted out on the falling edge of the SCL input. This
ensures that the SDA signal is valid during the SCL
high time (Figure 8-4).
An SSP interrupt is generated for each data transfer
byte. Flag bit SSPIF must be cleared in software, and
the SSPSTAT register used to determine the status of
the byte. Flag bit SSPIF is set on the falling edge of the
ninth clock pulse.
As a slave-transmitter, the ACK pulse from the master-
receiver is latched on the rising edge of the ninth SCL
input pulse. If the SDA line was high (not ACK), then the
data transfer is complete. When the ACK is latched by
the slave, the slave logic is reset (resets SSPSTAT reg-
ister) and the slave then monitors for another occur-
rence of the START bit. If the SDA line was low (ACK),
the transmit data must be loaded into the SSPBUF reg-
ister, which also loads the SSPSR register. Then pin
RC3/SCK/SCL should be enabled by setting bit CKP.
FIGURE 8-4:
I2C WAVEFORMS FOR TRANSMISSION (7-BIT ADDRESS)
SDA
SCL
SSPIF (PIR1<3>)
BF (SSPSTAT<0>)
CKP (SSPCON<4>)
A7
A6
A5
A4
A3
A2
A1
ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Transmitting Data
R/W = 1
Receiving Address
1
2
3
4
56
789
123
4
5
67
8
9
P
cleared in software
SSPBUF is written in software
From SSP interrupt
service routine
Set bit after writing to SSPBUF
S
Data in
sampled
SCL held low
while CPU
responds to SSPIF
(the SSPBUF must be written-to
before the CKP bit can be set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More