| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT5504L-TN3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT5504L-TN3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT5504 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-417.E P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR DESCRIPTION The UTC UT5504 is a P-channel enhancement mode power MOSFET, providing customers fast switching, ruggedized device design, low on-resistance and cost-effectiveness by UTC’s advanced technology. The UTC UT5504 can be used in applications such as DC/DC converters, all commercial-industrial surface mount and low voltage devices. FEATURES * Low On-Resistance * Simple Drive Requirement * Fast Switching Speed SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 7 8 UT5504L-TM3-T UT5504G-TM3-T TO-251 G D S - - - - - Tube UT5504L-TN3-R UT5504G-TN3-R TO-252 G D S - - - - - Tape Reel - UT5504G-S08-R SOP-8 SS S GD D D D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source |
Số phần tương tự - UT5504L-TN3-R |
|
Mô tả tương tự - UT5504L-TN3-R |