| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT3403G-AE2-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3403G-AE2-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3403 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-145.E -2.6 Amps, 30 Volts P-CHANNEL POWER MOSFET DESCRIPTION The UTC UT3403 is P-channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 UT3403G-AE2-R SOT-23-3 S G D Tape Reel UT3403G-AE3-R SOT-23 S G D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING |
Số phần tương tự - UT3403G-AE2-R |
|
Mô tả tương tự - UT3403G-AE2-R |