| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16C71X bảng dữ liệu(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C71X bảng dữ liệu(HTML) 96 Page - Microchip Technology |
|
96 / 176 page ![]() PIC16C71X DS30272A-page 96 © 1997 Microchip Technology Inc. Applicable Devices 710 71 711 715 FIGURE 11-3: CLKOUT AND I/O TIMING TABLE 11-3: CLKOUT AND I/O TIMING REQUIREMENTS Parameter No. Sym Characteristic Min Typ† Max Units Conditions 10* TosH2ckL OSC1 ↑ to CLKOUT↓ — 15 30 ns Note 1 11* TosH2ckH OSC1 ↑ to CLKOUT↑ — 15 30 ns Note 1 12* TckR CLKOUT rise time — 5 15 ns Note 1 13* TckF CLKOUT fall time — 5 15 ns Note 1 14* TckL2ioV CLKOUT ↓ to Port out valid — — 0.5TCY + 20 ns Note 1 15* TioV2ckH Port in valid before CLKOUT ↑ 0.25TCY + 25 — — ns Note 1 16* TckH2ioI Port in hold after CLKOUT ↑ 0 — — ns Note 1 17* TosH2ioV OSC1 ↑ (Q1 cycle) to Port out valid — — 80 - 100 ns 18* TosH2ioI OSC1 ↑ (Q2 cycle) to Port input invalid (I/O in hold time) TBD — — ns 19* TioV2osH Port input valid to OSC1 ↑ (I/O in setup time) TBD — — ns 20* TioR Port output rise time PIC16C710/711 — 10 25 ns PIC16LC710/711 — — 60 ns 21* TioF Port output fall time PIC16C710/711 — 10 25 ns PIC16LC710/711 — — 60 ns 22††* Tinp INT pin high or low time 20 — — ns 23††* Trbp RB7:RB4 change INT high or low time 20 — — ns * These parameters are characterized but not tested. † Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not tested. †† These parameters are asynchronous events not related to any internal clock edges. Note 1: Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC. Note: Refer to Figure 11-1 for load conditions. OSC1 CLKOUT I/O Pin (input) I/O Pin (output) Q4 Q1 Q2 Q3 10 13 14 17 20, 21 19 18 15 11 12 16 old value new value |