công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2510 bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện MCP2510
Giải thích chi tiết về linh kiện  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510 bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button MCP2510 Datasheet HTML 39Page - Microchip Technology MCP2510 Datasheet HTML 40Page - Microchip Technology MCP2510 Datasheet HTML 41Page - Microchip Technology MCP2510 Datasheet HTML 42Page - Microchip Technology MCP2510 Datasheet HTML 43Page - Microchip Technology MCP2510 Datasheet HTML 44Page - Microchip Technology MCP2510 Datasheet HTML 45Page - Microchip Technology MCP2510 Datasheet HTML 46Page - Microchip Technology MCP2510 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 43
MCP2510
REGISTER 6-3:
EFLG - Error Flag Register (ADDRESS: 2Dh)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RX1OVR RX0OVR
TXBO
TXEP
RXEP
TXWAR RXWAR EWARN
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
RX1OVR: Receive Buffer 1 Overflow Flag
- Set when a valid message is received for RXB1 and CANINTF.RX1IF = 1
- Must be reset by MCU
bit 6:
RX0OVR: Receive Buffer 0 Overflow Flag
- Set when a valid message is received for RXB0 and CANINTF.RX0IF = 1
- Must be reset by MCU
bit 5:
TXBO: Bus-Off Error Flag
- Bit set when TEC reaches 255
- Reset after a successful bus recovery sequence
bit 4:
TXEP: Transmit Error-Passive Flag
- Set when TEC is equal to or greater than 128
- Reset when TEC is less than 128
bit 3:
RXEP: Receive Error-Passive Flag
- Set when REC is equal to or greater than 128
- Reset when REC is less than 128
bit 2:
TXWAR: Transmit Error Warning Flag
- Set when TEC is equal to or greater than 96
- Reset when TEC is less than 96
bit 1:
RXWAR: Receive Error Warning Flag
- Set when REC is equal to or greater than 96
- Reset when REC is less than 96
bit 0:
EWARN: Error Warning Flag
- Set when TEC or REC is equal to or greater than 96 (TXWAR or RXWAR = 1)
-
Reset when both REC and TEC are less than 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com