| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS512 bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS512 bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 20 page ![]() HCS512 © 1997 Microchip Technology Inc. DS40151C-page 19 HCS512 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Sales and Support Package: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (300 mil Body), 18-lead Temperature Range: Blank = 0˚C to +70˚C I = -40˚C to +85˚C Device: HCS512 Code Hopping Decoder HCS512T Code Hopping Decoder (Tape and Reel) HCS512 — /P Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office. 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277. 3. The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required). Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. |