| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS361 bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS361 bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 24 page ![]() HCS361 © 1996 Microchip Technology Inc. Preliminary DS40146C-page 23 HCS361 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Sales and Support Package: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead Temperature Blank = 0˚C to +70˚C Range: I = –40˚C to +85˚C Device: HCS361 Code Hopping Encoder HCS361T Code Hopping Encoder (Tape and Reel) HCS361 — /P Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office (see last page) 2. The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277 3. The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required). Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. |