| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7233G bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7233G bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG |
|
6 / 33 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7233G Block Diagram Datasheet 6 Rev. 1.2, 2014-05-09 2.1 Voltage and current naming definition Following figure shows all the terms used in this datasheet, with associated convention for positive values. Figure 2 Terms In all tables of electrical characteristics is valid: channel related symbols without channel number are valid for each channel separately (e.g. V DS specification is valid for VDS0 … VDS3). All SPI register bits are marked as follows: PARAMETER (e.g. IN0). In SPI register description, the values in bold letters (e.g. 0) are default values. Terms_GS.emf VCS V SCLK VLHI VSI ISO SO ISCLK ISI SCLK SI ICS CS VSO GND IGND OUT0 VDS0 ID1 OUT1 OUT2 VDS2 VDS1 ID3 OUT3 V DS 3 ILHI LHI ID0 ID2 VBAT VIN1 IDD VDD VIN 0 IRST RST IDDA VDDA VIN 2 VIN3 VRST VDD IIN1 IN1 IIN3 IN3 I IN2 IN2 IIN0 IN0 V DDA |