| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35500AFP bảng dữ liệu(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M35500AFP bảng dữ liệu(HTML) 4 Page - Mitsubishi Electric Semiconductor |
|
4 / 16 page ![]() 4 MITSUBISHI <DIGITAL ASSP> M35500AFP/BGP FLD(VFD) CONTROLLER COMMAND STYLE Fig. 4. Command style Port data setting (Command 3) 10 0 P3 – P0/P7 – P4 output data Display data setting (Command 0) 11 1 Number of segment setting 0 0 : 16 or less 0 1 : 17 or more b0 b1 b2 b3 b4 b5 b6 b7 Digit selection (Command 2) 10 Digit start pin setting 0 0 0 0 : D17 0 0 0 1 : D16 0 0 1 0 : D15 0 0 1 1 : D14 0 1 0 0 : D13 0 1 0 1 : D12 0 1 1 0 : D11 0 1 1 1 : D10 1 0 0 0 : D9 1 0 0 1 : D8 1 0 1 0 : D7 1 Display state setting (Command 1) 11 0 Display ON or OFF setting 1 : ON 0 : OFF Number of digit setting 0 0 : 7 0 1 : 8 1 0 : 9 1 1 : 10 Display duty setting 1 1 : 15/16 1 0 : 14/16 0 1 : 6/16 0 0 : 5/16 Port selection (Note) 0 : P3 – P0 1 : P7 – P4 Note: When a digit or a port has to be selected, a digit output is selected for having higher priority. — —— — |