| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K1875G-XX-AE3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
K1875G-XX-AE3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD K1875 Preliminary JFET www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-103.b FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE DESCRIPTION The UTC K1875 is an N-channel JFET, it uses UTC’s advanced technology to provide customers low input capacitance and high forward transfer admittance. The UTC K1875 is suitable for high frequency amplifier and audio frequency amplifier applications, etc. FEATURES * High forward transfer admittance * Low input capacitance ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 K1875G-xx-AE3-R SOT-23 D S G Tape Reel K1875G-xx-AQ3-R SOT-723 D S G Tape Reel Note: Pin Assignment: D: Drain S: Source G: Gate K1875G-xx-AE3-R (1)Packing Type (2)Package Type (3)Rank (4)Green Package (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (3) xx: refer to Classification of IDSS (4) G: Halogen Free and Lead Free MARKING |
Số phần tương tự - K1875G-XX-AE3-R |
|
Mô tả tương tự - K1875G-XX-AE3-R |